PART |
Description |
Maker |
SRR0905-330Y SRR0905-221K SRR0905-271K BOURNSINC-S |
MAGNETICS - SHIELDED POWER INDUCTOR 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - SHIELDED POWER INDUCTOR 1 ELEMENT, 220 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns, Inc. BOURNS INC
|
SRR6028-2R5Y SRR6028-7R3Y SRR6028-220Y |
MAGNETICS - SHIELDED POWER INDUCTOR 1 ELEMENT, 2.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - SHIELDED POWER INDUCTOR 1 ELEMENT, 7.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - SHIELDED POWER INDUCTOR 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns, Inc.
|
HX2019NLT H2005ANL H2006ANL H2008NL H2009NL H1197N |
100Base-TX VoIP Magnetics Modules RoHS peak reflow temperature rating 245C Power OVER Ethernet (PoE) Magnetics and (PoE ) Magnetics
|
Pulse A Technitrol Company
|
2741L2 |
HIGH FREQUENCY MAGNETICS Specialty Through Hole Shielded Transformer
|
Bel Fuse Inc.
|
2745AK2 |
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformer
|
Bel Fuse Inc.
|
HM79S-105120LF HM79S-74270LF |
Magnetics Shielded Drum Surface Mount Inductors Magnetics Shielded Drum Surface Mount Inductors
|
Bi technologies
|
SDR0805-2R5M SDR0805-100M SDR0805-120M BOURNSINC-S |
MAGNETICS - NON-SHIELDED POWER INDUCTOR 1 ELEMENT, 2.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductors 10uH 7.8mm SMD Inductor; Inductor Type:Power; Inductance:12uH; Inductance Tolerance: 20 %; Current Rating:3A; Series:SDR0805; Core Material:Ferrite DR; Leaded Process Compatible:No; Mounting Type:Surface Mount; Operating Temp. Min:-40 C RoHS Compliant: No
|
Bourns, Inc. BOURNS INC
|
XAL4020-152ME XAL4020-222ME XAL4020-401ME XAL4020- |
High Temperature Shielded Power Inductors Shielded Power Inductors XAL4020
|
Coilcraft lnc.
|
DT3316P-682MLB DT3316P-104MLB DT3316P-152MLB DS502 |
Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 6.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 1.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 2.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMT Power Inductors - DS5022P Series SMT Power Inductors ?DS5022P Series
|
Coilcraft, Inc. Coilcraft lnc.
|
FA2536-AL FA2536-ALB |
Mid-Span PoE Plus Magnetics PoE Plus magnetics module, SMT, RoHS 30 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
MTJ108T11RLXM1 MTJ810T11RLXM1 MTJ88T11RLXM1 MTJ101 |
MAGNETICS TELEPHONE JACK INTEGRATED MAGNETICS & LEDs 10/100 BASE T & 1000 BASE T
|
Adam Technologies, Inc.
|
558-1192 558-1192-09-00-00 558-1192-11-00-00 558-1 |
Variable Coil, Shielded, Vertical, .080μH thru 1.20mΗ SHIELDED, 1.8 uH - 2.7 uH, VARIABLE INDUCTOR SHIELDED, 3.9 uH - 5.6 uH, VARIABLE INDUCTOR SHIELDED, 0.39 uH - 0.56 uH, VARIABLE INDUCTOR
|
CAMBION Electronic Components WEARNES CAMBION LTD
|
|